Part Number Hot Search : 
74HC03N H11C3300 4000T 50N10 4000T LM64P70 4000T LT1078C
Product Description
Full Text Search
 

To Download SMM-114-02-S-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" smm series (2,00mm) .0787" pitch available with optional pick & place pads (3,56mm) .140" high reliability tiger eye? contacts (four point redundancy) smm?115?02?s?d smm?135?02?l?d?k smm?108?02?l?s smm?110?02?l?s www.samtec.com extended life product 10 year mixed flowing gas with 30" gold tm mates with: tmm, tmmh, mtmm, mmt, ltmm, tw, tcmd, ptt for complete speci cations and recommended pcb layouts see www.samtec.com?smm insulator material: black liquid crystal polymer contact material: becu plating: sn or au over 50? (1,27?) ni voltage rating: 350 vac operating temp range: -55? to +125? contact resistance: 10 m max insertion depth: (3,05mm) .120" to (3,25mm) .128" insertion force: (single contact only) 2.0oz (0,56n) average withdrawal force: (single contact only) 1.5oz (0,42n) average max cycles: 100 with 10? (0,25?) au rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max 01 no. of positions x (2,00) .0787 (2,00) .0787 (2,00) .0787 (0,51) .020 (2,00) .0787 (4,00) .158 (3,56) .140 40 80 02 79 01 (6,30) .248 (4,32) .170 ?s row (3,81) .150 x (7,62) .300 ?d row (5,71) .225 x (10,01) .394 f-211 ?p ?s = single row ?d = double row ?l = 10" (0,25m) gold on contact, matte tin on tail ?s = 30" (0,76m) gold on contact, matte tin on tail smm no. pins per row 1 02 plating option row option other option 02 thru 40 ??xx? = polarized position ?k = (5,50mm) .217" dia polyimide film pick & place pad (2 positions minimum, ?02 thru ?05 requires ?tr) ?p = plastic pick & place pad (?02 thru ?05 requires ?tr) ?tr = tape & reel packaging (27 positions maximum) ? locking clip (manual placement required). call samtec. application specific option specifications 1,000 cycles when mated with tmm ambient temp 20c 40c 60c 95c 3.9a 3.5a 3a 2a current rating mated with tmm 6 positions (2x3) powered polarizing key specify pk01?7 for polarizing key (available in wheels of six each). also polarizes tcsd series idc cable. ? system tiger eye ? socket strip note: some lengths, styles and options are non-standard, non-returnable. note: other gold plating options available. contact samtec.


▲Up To Search▲   

 
Price & Availability of SMM-114-02-S-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X